PART |
Description |
Maker |
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
M80-4000000F1-06-327-00-000 M80-4000000F1-06-325-0 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 2 x 14 AWG Power contacts
|
Harwin PLC HARWIN INC
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
050-0 050-010-455A 050-034-455 050-040-455 050-006 |
6 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:10; Contact Termination:IDC; Gender:Female; Contact Plating:Gold 10 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; Number of Contacts:40; Contact Termination:IDC; Gender:Female; Contact Plating:Gold; Leaded Process Compatible:Yes 40 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET Insulation Displacement (IDC) Connector; No. of Contacts:34; Contact Termination:IDC; Gender:Female; Contact Plating:Gold RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC, SOCKET 6 to 64 contact sockets
|
ITW Pancon
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
09-52-4064 |
PC Board Connector; No. of Contacts:6; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Gender:Female; Series:2145/3258 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|